|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CWM-M-G Series DIRECTIONAL COUPLERS 0.6 to 18 GHz / Ultra-Broadband / 6, 10, 16, 20 dB Coupling / Low Cost Stripline / 50 W / SMA PRINCIPAL SPECIFICATIONS Model Number CWM-10M-2.3G Frequency Range, GHz 0.6 - 4.0 Nominal Coupling, dB, (ref input) Frequency Sensitivity, dB, Nom. 0.75 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 Directivity, dB, Min. <12.4 Insertion Loss, dB, >12.4 GHz Max. NA 12 12 12 12 12 12 12 12 12 12 0.40 0.90 0.80 0.85 0.90 0.60 0.80 0.80 0.90 0.60 0.80 t t VSWR max. Main Coupled Outline Line Line Ref. 1.25:1 1.40:1 1.40:1 1.40:1 1.35:1 1.35:1 1.35:1 t 1.35:1 1.35:1 1.35:1 1.40:1 1.30:1 1.50:1 1.50:1 1.50:1 1.50:1 1.50:1 1.40:1 1.40:1 1.40:1 1.40:1 1.40:1 10 11 12 12 13 13 14 14 15 15 16 10 1.0 10* 1.0 16* 1.0 20* 1.0 6* 1.0 10* 1.0 16* 1.0 20* 1.0 6 1.0 10 1.0 20 1.0 18 15 15 15 15 15 15 15 15 15 15 CWM-10M-9.5G 1.0 - 18.0 CWM-16M-9.5G CWM-20M-9.5G CWM-6M-10G CWM-10M-10G CWM-16M-10G CWM-20M-10G CWM-6M-11G CWM-10M-11G CWM-20M-11G 2.0 - 18.0 4.0 - 18.0 * Coupling is referenced to the output. Coupling includes Frequency Sensitivity Insertion Loss above Coupling Loss POWER SPECIFICATIONS Coupled Power ``Loss'': 6 dB units: 10 dB units: 20 dB units: 30 dB units: Peak Power: CW Input Power (Forward): CWM-10M-2.3G: All others: CW Reflected Power: 6 dB units: 10 dB units: 20 dB units: 1.25 dB 0.46 dB 0.044 dB 0.004 dB 3 kW max. 50 Watts max. 25 Watts max. 2 Watts max. 5 Watts max. 50 Watts max. GENERAL SPECIFICATIONS Impedance: Operating Temp: SMA Connectors: 50 nom. -- 55 to +85C Female, to meet interface requirements of MIL-C39012 Other connectors: TNC and N type available. Check with factory. Other frequencies: Optional General Notes: 1. The CWM-M-G series of directional couplers are miniature three port devices utilizing stripline technology in a connectorized package. Each unit is a multi-section quarter wave coupler designed to cover a very broad band of frequencies. They are ideally suited for monitoring forward or reflected power in EW and similar wideband systems with minimal perturbation to the main line signal. A variety of performance and frequency coverage options are available. 2. These units comply with MIL-C-15370 and may supplied screened for compliance with additional specifications you designate for military and aerospace applications requiring the highest reliability. 22Feb96 For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973 .575.1300 / FAX: 973.575.0531 CWM-M-G Series DIRECTIONAL COUPLERS 600 MHz to 18 GHz / Ultra-Broadband / 6, 10, 16, 20 dB Coupling / Low Cost Stripline / 50 W / SMA Package Outline NOTES: 1. Tolerance on 3 place decimals .020(.51) except as noted. 2. Dimensions in inches over millimeters. 3. Weights are nominal on all outlines. 21Feb96 F rf t e if r to c n a tM ERRI AC /41 Faifel Pl,W estCal el,NJ,07006 / 973o ur h r n o ma in o t c M ri d . dw l 5751300 /FAX 973- 0531 575- |
Price & Availability of CWM-6M-10G |